|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TO-220F 3A Thyristor TF321S, TF341S, TF361S s Features qRepetitive peak off-state voltage: VDRM=200, 400, 600V qAverage on-state current: IT(AV)=3A qGate trigger current: IGT=15mA max qIsolation voltage: VISO=1500V(50Hz Sine wave, RMS) 13.0 min External Dimensions (Unit: mm) 3.30.2 16.90.3 8.40.2 4.00.2 10.00.2 4.20.2 C 0.5 2.8 3.90.2 0.80.2 a b 1.350.15 1.350.15 +0.2 0.85 -0.1 +0.2 0.45 -0.1 2.40.2 a. Part Number b. Lot Number 2.54 2.20.2 2.54 (1). Cathode (K) (2). Anode (A) (3). Gate (G) (1) (2) (3) Weight: Approx. 2.1g sAbsolute Maximum Ratings Parameter Repetitive peak off-state voltage Repetitive peak reverse voltage Non-repetitive peak off-state voltage Non-repetitive peak reverse voltage Average on-state current RMS on-state current Surge on-state current Peak forward gate current Peak forward gate voltage Peak reverse gate voltage Peak gate power loss Average gate power loss Junction temperature Storage temperature Isolation voltage Symbol VDRM VRRM VDSM VRSM IT (AV) IT (RMS) ITSM IFGM VFGM VRGM PGM PG(AV) Tj Tstg VISO Ratings TF321S 200 200 300 300 TF341S 400 400 500 500 3.0 4.7 60 2.0 10 5.0 5.0 0.5 - 40 to +125 - 40 to +125 1500 TF361S 600 600 700 700 Unit V V V V A A A A V V W W C C V Conditions Tj= -40 to +125C, RGK =1k 50Hz Half-cycle sinewave, Continuous current, Tc =93C 50Hz Half-cycle sinewave, Single shot, Non-repetitive, Tj=125C f f f 50Hz, duty 50Hz 50Hz, duty 10% 10% 50Hz Sine wave, RMS, Terminal to Case, 1 min. sElectrical Characteristics Parameter Off-state current Reverse current On-state voltage Gate trigger voltage Gate trigger current Gate non-trigger voltage Holding current Critical rate-of-rise of off-state voltage Turn-off time Thermal resistance Symbol IDRM IRRM VTM VGT IGT VGD IH dv/dt tq Rth Ratings min typ max 2.0 2.0 1.4 0.7 3.0 0.1 5.0 50 30 5.0 1.5 15 Unit mA mA V V mA V mA V/S S C/W Conditions Tj=125C, VD=VDRM(VRRM), RGK=1k TC=25C, ITM=5A VD=6V, RL=10, TC=25C VD=1/2xVDRM, Tj=125C, RGK=1k RGK=1k, Tj=25C VD=1/2xVDRM, Tj=125C, RGK=1k, CGK=0.033F Tc=25C Junction to case 8 |
Price & Availability of TF321S |